Part Number Hot Search : 
KBJ25B X05S47 SB1545 MN101C 571007 F092011 M7403 X05S47
Product Description
Full Text Search
 

To Download M8050-TO-92 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92 Plastic-Encapsulate Transistors
M8050
FEATURES
TRANSISTOR NPN (c) TO 92
1.EMITTER
Power dissipation PCM : 0.625 W Tamb=25ae(c) Collector current ICM : 1 A Collector-base voltage V(BR)CBO : 40 V Operating and storage junction temperature range T J T stg: -55aeto +150ae ELECTRICAL CHARACTERISTICS Tamb=25ae
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Collector cut-off current Symbol V(BR)CBO V(BR)CEO* V(BR)EBO ICBO ICEO
2. BASE
3. COLLECTOR
123
unless
otherwise
specified(c)
MIN 40 25 6 0.1 0.1 45 80 40 0.5 1.2 150 V V MHz 300 MAX UNIT V V V |I A |I A
Test
conditions
Ic= 100|I IE=0 A IC= 0.1mA , IB=0 IE= 100|I AIC=0 VCB= 35V , IE=0 VCE= 20V , IB=0 VCE=1V, IC=5mA VCE=1V, IC=100mA VCE=1V, IC=800mA IC= 800mA, IB=80mA IC=800mA, IB= 80m A VCE=6V, IC= 20mA , f=30MHz
hFE(1)
DC current gain
hFE(2) hFE(c) 3
Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency
VCE(sat) VBE(sat)
fT
* Pulse Test pulse width U300s duty cycle U 2%
TO-92 PACKAGE OUTLINE DIMENSIONS
D
D1
A
A1
E
b |O
e e1
Symbol A A1 b c D D1 E e e1 L O
Dimensions In Millimeters Min 3.300 1.100 0.380 0.360 4.400 3.430 4.300 1.270TYP 2.440 14.100 0.000 2.640 14.500 1.600 0.380 4.700 Max 3.700 1.400 0.550 0.510 4.700 Min
L
Dimensions In Inches Max 0.146 0.055 0.022 0.020 0.185 0.185 0.050TYP 0.096 0.555 0.000 0.104 0.571 0.063 0.015 0.130 0.043 0.015 0.014 0.173 0.135 0.169
C


▲Up To Search▲   

 
Price & Availability of M8050-TO-92

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X